Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download DF3-19S-2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 Series
sFeatures
Correspond to Board Design in Wide Variation
qID Socket (1) Low profile design with the mounting height of 6.8mm (2) Achieves the multi-harness by the full automatic ID machine in combination with the DF11 series ID type. (DF11 series represents the 2mm pitch single-row product.Please refer to page B220 to B233.) qCrimp Socket (1) Low profile design with mounting height 7.5mm. (2) Provide the contact crimping area with the sufficient space, and secures the stable crimping operation. qReceptacle (1) The board can be connected horizontally or vertically in combination with the straight header with the right angle header. (2) For horizontal connection, the board to board size is the low profile of 6.6mm. (3) Compatibility with the in-line plug allows the receptacle to set the board side to the receptacle and the cable side to the plug in the board to cable connection. qPin Header (1) The board pre-fixed kink is treated with the post pin. (2) The style employs a scoop-proof and sturborn box type. (3) The type corresponding to SMT is avilable, using the heat-proof resin. This SMT header is equipped with the metal tab to prevent peeling in the solder joint area. qIn-line Plug (1) The crimping in-line plug consits of two types, one type, which has pursued after space merits, and the other employs the panel lock type, which can be fixed to the panel. (2) The in-line adapter is available to insert and in-line the ID socket from both sides.
sApplications
Business equipment such as copy machine and printer
B207
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector for Discrete Wire Connection(Product approved bysearchCSA Standard) DF3 Seriesq2mm Pitch or will be discontinued soon. Please check the products status on the Hirose website RoHS UL at www.hirose-connectors.com, or contact your Hirose sales representative.
sProduct Specifications
AWG#22 to 24 :3A Current rating Rating Note 1 IDC Voltage rating AC100V Crimping Wire size Press-fit: 250V AC IDC Crimping Wire size AWG#26 AWG#28 :2A :1A Operating Temperature Range -30c to +85c Note 2. Operating Humidity Range 40% to 80%
AWG 26, 28:1A Press-connect: 100V AC
Storage Temperature Range -10c to +60c Note 3. Storagg Humidity Range 40% to 70% Note 3.
UL-CSA Safety Standard and Approved specification Rated Current Rating Rated Voltage Wire size 30V AC AWG 24 to 28: 1A
sUL CSA Safety Standard File No. UL :E52653 CSA :LR95109 sUL CSA Acquisition Objective Item 1DF3-*S-2C 2DF3/3A-*P-2DSA/DS 3DF3/DF3AA-*EP-2C 4DF3-*S-2R26/28 5DF3-*P-2H Condition
Item 1. Insulation Resistance 2. Withstanding voltage 3. Contact Resistance 5. Vibration 7. Temperature Cycle 1000M ohms min.
Specification 500V DC 650V AC/1 minute 100mA
No flashover or insulation breakdown.
30m ohms max
4. Single Insertor/Extraction Force MIN0.3N (30gf), MAX4.4N(450gf)
Measure by the square steel pin with 0.50.002mm
No electrical discontinuity of 1s or more
Contact resistance: 30m ohms max.:Insulation resistance: 1000M ohms min.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95%
(-55c: 30 minutes 5 to 35c: 10 minutes 85c: 30 minutes 5 to 35c: 10minutes) 5 cycles Tin plating: 30 cycles Gold plating: 50 cycles
6. Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 500M ohms min. 8. Durability (Mating/un-mating) Contact resistance: 30m ohms max. 9. Resistance to Soldering Heat No deformation of components affecting performance.
Flow: 260c for 10 seconds Manual soldering: 300c for 2 seconds Reflow: At the recommended temperature profile Manual soldering: 300c for 3 seconds
Note 1: Current rating of header is 3A. Note 2: Includes temperature rise caused by current flow. Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown.
sMaterial
Product Crimping Socket IDC Contact for Socket ID Socket Receptacle Pin Header Part Insulator Contact Insulator Contact Insulator Contact Insulator Contact Insulator SMT Pin Header In-line Plug In-line IDC Contact In-line Adapter Contact Metal tab Insulator Contact Insulator Contact Materia Polyamide Phosphor bronze Polyamide Phosphor bronze Polyamide Phosphor bronze Polyamide Brass Polyamide Brass Brass Polyamide Phosphor bronze Polyamide Brass Finish Black Tin plated or gold plated Black Tin plated or gold plated Black Tin plated or gold plated Black Tin plated or gold plated Beige Tin plated or gold plated Tin plated Black Tin plated or gold plated Black Tin plated Remarks UL94V-0 ------- UL94V-0 ------- UL94V-0 ------- UL94V-0 ------- UL94V-0 ------- ------- UL94V-0 ------- UL94V-0 -------
B208
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on forHirose websiteWire search at www.hirose-connectors.com, or contact your Hirose sales representative. DF3 Seriesq2mm Pitch Connector the Discrete RoHS Connection(Product approved by UL CSA Standard)
sOrdering Information
qConnector
DF3 - * S - 2C
q q Series Name e Connector Type S P EP r Contact Pitch : Socket : Pin Header : In-line Plug : 2mm w e rt : DF3, 3A, 3AA t Connection Form/Contact Style C : Crimp socket R26 : ID socket for AWG26 R28 : ID socket for AWG28 DSA : Straight through hole DS : Right angle through hole V H A : Straight SMT : Right angle SMT : Adapter w Number of Contacts : 2~15
qContact
DF3 - EP2428PCFA
q q Contact Type Blank : For socket EP 22 : For in-line plug : AWG#22 w Applicable Wire Size 2428 : AWG#24 to#28 w e r e Contact Type/Packaging Type SCF SC PCF PC Blank A C : Socket contact, Reel : Socket contact, Bag : Plug contact, Reel : Plug contact, Bag : Tin plated : Gold plated (Plug contact) : Gold plated (Socket contact)
r Plating Type
sApplication pattern
DF3-S-2R**(05) DF3Z-P-2H DF3-S-2R**(05)
DF3Z-P-2V
DF3Z-P-2H
DF3Z-P-2V
DF3-S-2DSA(25)
DF3Z-P-2H
DF3Z-P-2V
B209
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector for Discrete Wire Connection(Product approved bysearchCSA Standard) DF3 Seriesq2mm Pitch or will be discontinued soon. Please check the products status on the Hirose website RoHS UL at www.hirose-connectors.com, or contact your Hirose sales representative.
sID Socket
[Specific No.]-* *, (* *) (01) (05) (25) : Gold plated, 100 pieces per bag : Tin plated, 100 pieces per bag : Tin plated, Tube packaging
This picture shows the cable assembled status.
Note 1. Mark to determine the socket name Mark6: R26, Mark8: R28
qAWG#28 Unit: mm Unit: mm Number of Tube packaging Number of Tube packaging Part Number CL No. AB RoHS Part Number CL No. AB RoHS Contacts Quantity Contacts Quantity DF3- 2S-2R26(**) 543-0078-7-** 2 6 2 190 pieces DF3- 2S-2R28(**) 543-0092-8-** 2 6 2 190 pieces DF3- 3S-2R26(**) 543-0079-0-** 3 8 4 142 DF3- 3S-2R28(**) 543-0093-0-** 3 8 4 142 DF3- 4S-2R26(**) 543-0080-9-** 4 10 6 114 DF3- 4S-2R28(**) 543-0094-3-** 4 10 6 114 DF3- 5S-2R26(**) 543-0081-1-** 5 12 8 94 DF3- 5S-2R28(**) 543-0095-6-** 5 12 8 94 DF3- 6S-2R26(**) 543-0082-4-** 6 14 10 80 DF3- 6S-2R28(**) 543-0096-9-** 6 14 10 80 DF3- 7S-2R26(**) 543-0083-7-** 7 16 12 70 DF3- 7S-2R28(**) 543-0097-1-** 7 16 12 70 DF3- 8S-2R26(**) 543-0084-0-** 8 18 14 62 DF3- 8S-2R28(**) 543-0098-4-** 8 18 14 62 YES YES DF3- 9S-2R26(**) 543-0085-2-** 9 20 16 56 DF3- 9S-2R28(**) 543-0099-7-** 9 20 16 56 DF3-10S-2R26(**) 543-0086-5-** 10 22 18 52 DF3-10S-2R28(**) 543-0100-4-** 10 22 18 52 DF3-11S-2R26(**) 543-0087-8-** 11 24 20 46 DF3-11S-2R28(**) 543-0101-7-** 11 24 20 46 DF3-12S-2R26(**) 543-0088-0-** 12 26 22 44 DF3-12S-2R28(**) 543-0102-0-** 12 26 22 44 DF3-13S-2R26(**) 543-0089-3-** 13 28 24 40 DF3-13S-2R28(**) 543-0103-2-** 13 28 24 40 DF3-14S-2R26(**) 543-0090-2-** 14 30 26 38 DF3-14S-2R28(**) 543-0104-5-** 14 30 26 38 DF3-15S-2R26(**) 543-0091-5-** 15 32 28 34 DF3-15S-2R28(**) 543-0105-8-** 15 32 28 34 Note 2.The quantity for delivery of the specific No. (01) and (05) is determined per bag (100pcs.). If needed, please order the productsper bag. Note 3.If the Full automatic IDC machine to hit the DF11 single core,the (25) tube packaging specification will be applied. Note 4.Order the tube packaging product, multiplying the tube packaging quantity (pieces). qAWG#26
sApplicable Cable
Part Number
DF3-*S-2R26(**) DF3-*S-2R28(**)
Applicable Cable
UL1061 AWG#26 (7/0.16) UL1061 AWG#28 (7/0.127)
Jacket Diameter
O0.9 to 1mm O0.9 to 1mm
sApplicable ID Connection Tool
Type Part Number Connection Type s Effective Harness Form 1DF11-Both ended, single ended 2DF11-DF11, Separation 3DF11-DF3, Separation s Effective Harness Length 100 to 2,000mm s Conduction Inspection Mechanism Installed DF3 No restriction DF4 No restriction Remarks
DF11 Single Contact Punching Full Automatic ID Machine
AM700/DF11
Connector is the specification (25). Tube packaging applied
DF3 DF4 Desktop ID Machine
SA701/DF3
Desktop machine for small lot
B210
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on forHirose websiteWire search at www.hirose-connectors.com, or contact your Hirose sales representative. DF3 Seriesq2mm Pitch Connector the Discrete RoHS Connection(Product approved by UL CSA Standard)
sCrimping Socket
[Specific No.] -* *, (* *) Blank: 100 pieces per pack
This picture shows the Contact crimped status.
Unit: mm Part Number CL No. Number of Contacts 2 3 4 5 6 7 A 06 08 10 12 14 16 B 02 04 06 08 10 12 YES RoHS Part Number CL No. Number of Contacts 09 10 11 12 13 14 A 20 22 24 26 28 30 B 16 18 20 22 24 26 YES RoHS
DF3-2S-2C(**) 543-0003-8-** DF3-3S-2C(**) 543-0004-0-** DF3-4S-2C(**) 543-0005-3-** DF3-5S-2C(**) 543-0006-6-** DF3-6S-2C(**) 543-0007-9-** DF3-7S-2C(**) 543-0008-1-**
DF3-19S-2C(**) 543-0010-3-** DF3-10S-2C(**) 543-0011-6-** DF3-11S-2C(**) 543-0012-9-** DF3-12S-2C(**) 543-0013-1-** DF3-13S-2C(**) 543-0014-4-** DF3-14S-2C(**) 543-0015-7-**
14 28 18 32 8 15 DF3-8S-2C(**) 543-0009-4-** DF3-15S-2C(**) 543-0016-0-** Note1: The product's contact number indicated. Note2: The quantity for delivery of the specification No. "None" is determined per bag (100 pcs.). If needed, please order the products per bag. Note3: A quantity of "500 pieces package" and "1000 pieces package" for delivery is dealt with pieces. Order example: 500, 1000, and 1500 pieces...
sReceptacle
[Specific No.] -* *, (* *) (25) :Tin plated, Tube packaging (55) :Gold plated, Tube packaging
Note1: The product's contact number indicated
qBoard Through-hole Diameter: O0.8+0.1 +0
Unit: mm Part Number CL No. Number of Contacts A 2 3 4 5 6 7 B Tube Package RoHS Quantity Part Number CL No. Number of Contacts A 09 10 11 12 13 14 15 B Tube Package RoHS Quantity
DF3-2S-2DSA(**) 543-0048-6-** DF3-3S-2DSA(**) 543-0049-9-** DF3-4S-2DSA(**) 543-0050-8-** DF3-5S-2DSA(**) 543-0051-0-** DF3-6S-2DSA(**) 543-0052-3-** DF3-7S-2DSA(**) 543-0053-6-**
06 02 80 pieces 08 04 60 10 06 48 12 08 40 14 10 34 16 12 30 YES
DF3- 9S-2DSA(**) 543-0055-1-** DF3-10S-2DSA(**) 543-0056-4-** DF3-11S-2DSA(**) 543-0057-7-** DF3-12S-2DSA(**) 543-0058-0-** DF3-13S-2DSA(**) 543-0059-2-** DF3-14S-2DSA(**) 543-0060-1-**
20 16 24 pieces 22 18 21 24 20 20 26 22 18 28 24 17 30 26 16 32 28 15 YES
18 14 27 8 DF3-8S-2DSA(**) 543-0054-9-** DF3-15S-2DSA(**) 543-0061-4-** Note2: Please order the tube packaging at the multiplied tube packaging quantity (pieces).
B211
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector for Discrete Wire Connection(Product approved bysearchCSA Standard) DF3 Seriesq2mm Pitch or will be discontinued soon. Please check the products status on the Hirose website RoHS UL at www.hirose-connectors.com, or contact your Hirose sales representative.
sStraight Pin Header
qBoard Through-hole Diameter: O0.8+0.1 +0 qKink Pre-fixed Effective Diameter: O0.8+0.05 +0 Unit: mm Tin Plating Gold Plating Part Number CL No. Part Number CL No. 543-0017-2-01 543-0165-0 DF3A- 2P-2DSA DF3- 2P-2DSA(01) 543-0018-5-01 543-0166-2 DF3A- 3P-2DSA DF3- 3P-2DSA(01) 543-0019-8-01 543-0167-5 DF3A- 4P-2DSA DF3- 4P-2DSA(01) 543-0020-7-01 543-0168-8 DF3A- 5P-2DSA DF3- 5P-2DSA(01) 543-0021-0-01 543-0169-0 DF3A- 6P-2DSA DF3- 6P-2DSA(01) 543-0022-2-01 543-0170-0 DF3A- 7P-2DSA DF3- 7P-2DSA(01) 543-0023-5-01 543-0171-2 DF3A- 8P-2DSA DF3- 8P-2DSA(01) 543-0024-8-01 543-0172-5 DF3A- 9P-2DSA DF3- 9P-2DSA(01) 543-0025-0-01 543-0173-8 DF3A-10P-2DSA DF3-10P-2DSA(01) 543-0026-3-01 543-0174-0 DF3A-11P-2DSA DF3-11P-2DSA(01) 543-0027-6-01 543-0175-3 DF3A-12P-2DSA DF3-12P-2DSA(01) 543-0028-9-01 543-0176-6 DF3A-13P-2DSA DF3-13P-2DSA(01) 543-0029-1-01 543-0177-9 DF3A-14P-2DSA DF3-14P-2DSA(01) 543-0030-0-01 543-0178-1 DF3A-15P-2DSA DF3-15P-2DSA(01) Note : The quantity for delivery is determined per bag (100 pcs.). If needed, please order the products per bag. Number of Contacts A 2 3 4 5 6 7 8 9 10 11 12 13 14 15 06 08 10 12 14 16 18 20 22 24 26 28 30 32 B RoHS 02 04 06 08 10 12 14 YES 16 18 20 22 24 26 28
sRight Angle Pin Header
qBoard Through-hole Diameter: O0.8+0.1 +0 qKink Pre-fixed Effective Diameter: O0.8+0.05 +0
Unit: mm Tin Plating Gold Plating Part Number CL No. Part Number CL No. 543-0179-4 543-0031-3-01 DF3A- 2P-2DS DF3- 2P-2DS(01) 543-0180-3 543-0032-6-01 DF3A- 3P-2DS DF3 -3P-2DS(01) 543-0181-6 543-0033-9-01 DF3A- 4P-2DS DF3- 4P-2DS(01) 543-0182-9 543-0034-1-01 DF3A- 5P-2DS DF3- 5P-2DS(01) 543-0183-1 543-0035-4-01 DF3A- 6P-2DS DF3- 6P-2DS(01) 543-0184-4 543-0036-7-01 DF3A- 7P-2DS DF3- 7P-2DS(01) 543-0185-7 543-0037-0-01 DF3A- 8P-2DS DF3- 8P-2DS(01) 543-0186-0 543-0038-2-01 DF3A- 9P-2DS DF3- 9P-2DS(01) 543-0187-2 543-0039-5-01 DF3A-10P-2DS DF3-10P-2DS(01) 543-0188-5 543-0040-4-01 DF3A-11P-2DS DF3-11P-2DS(01) 543-0189-8 543-0041-7-01 DF3A-12P-2DS DF3-12P-2DS(01) 543-0190-7 543-0042-0-01 DF3A-13P-2DS DF3-13P-2DS(01) 543-0191-0 543-0043-2-01 DF3A-14P-2DS DF3-14P-2DS(01) 543-0192-2 543-0044-5-01 DF3A-15P-2DS DF3-15P-2DS(01) Note : The quantity for delivery is determined per bag(100 pcs.). If needed, please order the products per bag. Number of Contacts A 2 3 4 5 6 7 8 9 10 11 12 13 14 15 06 08 10 12 14 16 18 20 22 24 26 28 30 32 B RoHS 02 04 06 08 10 12 14 YES 16 18 20 22 24 26 28
B212
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on forHirose websiteWire search at www.hirose-connectors.com, or contact your Hirose sales representative. DF3 Seriesq2mm Pitch Connector the Discrete RoHS Connection(Product approved by UL CSA Standard)
sStraight Pin Header (SMT)
BPCB mounting pattern
C
Note :
If a pattern is included in the shaded area and is not treated with resist, it could touch the connector contact.
[Specific No.] -* *, (* *) (21) :Tin plated packaging (51) :Gold plated packaging Unit: mm
Without Boss Part Number DF3DZ- 2P-2V(**) DF3DZ- 3P-2V(**) DF3DZ- 4P-2V(**) DF3DZ- 5P-2V(**) DF3DZ- 6P-2V(**) DF3DZ- 7P-2V(**) DF3DZ- 8P-2V(**) DF3DZ- 9P-2V(**) DF3DZ-10P-2V(**) DF3DZ-11P-2V(**) DF3DZ-12P-2V(**) DF3DZ-13P-2V(**) DF3DZ-14P-2V(**) CL No. 0543-1056-0-** 0543-1057-2-** 0543-1058-5-** 0543-1059-8-** 0543-1060-7-** 0543-1061-0-** 0543-1062-2-** 0543-1063-5-** 0543-1064-8-** 0543-1065-0-** 0543-1066-3-** 0543-1067-6-** 0543-1068-9-**
Number of Contacts 2 3 4 5 6 7 8 9 10 11 12 13 14
A 02 04 06 08 10 12 14 16 18 20 22 24 26
B
C
RoHS
08.5 08.74 10.5 10.74 12.5 12.74 14.5 14.74 16.5 16.74 18.5 18.74 20.5 20.74 22.5 22.74 24.5 24.74 26.5 26.74 28.5 28.74 30.5 30.74 32.5 32.74 YES
15 0543-1069-1-** DF3DZ-15P-2V(**) 28 34.5 34.74 Note1: Please order the emboss packaging product by the reel number. (1 reel : 1000 pcs.) Note2: Embossed packaging products have the reel wrapped in polyethylene and include a desiccant. Note3: Small blisters of the molding compounds in small areas will not affect from,fit or function.
B213
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector for Discrete Wire Connection(Product approved bysearchCSA Standard) DF3 Seriesq2mm Pitch or will be discontinued soon. Please check the products status on the Hirose website RoHS UL at www.hirose-connectors.com, or contact your Hirose sales representative.
sRight Angle Pin Header (SMT)
BPCB mounting pattern
D
[Specific No.] -* *, (* *) (21) :Tin plated embossed packaging (Note the number of contacts for marchandization.) (51) :Gold plated embossded packaging Unit: mm Without Boss Part Number DF3DZ- 2P-2H(**) DF3DZ- 3P-2H(**) DF3DZ- 4P-2H(**) DF3DZ- 5P-2H(**) DF3DZ- 6P-2H(**) DF3DZ- 7P-2H(**) DF3DZ- 8P-2H(**) DF3DZ- 9P-2H(**) DF3DZ-10P-2H(**) DF3DZ-11P-2H(**) DF3DZ-12P-2H(**) DF3DZ-13P-2H(**) DF3DZ-14P-2H(**) CL No. 0543-1070-0-** 0543-1071-3-** 0543-1072-6-** 0543-1073-9-** 0543-1074-1-** 0543-1075-4-** 0543-1076-7-** 0543-1077-0-** 0543-1078-2-** 0543-1079-5-** 0543-1080-4-** 0543-1081-7-** 0543-1082-0-** Number of Contacts 2 3 4 5 6 7 8 9 10 11 12 13 14 A 02 04 06 08 10 12 14 16 18 20 22 24 26 B C
RoHS
08.5 08.74 10.5 10.74 12.5 12.74 14.5 14.74 16.5 16.74 18.5 18.74 20.5 20.74 22.5 22.74 24.5 24.74 26.5 26.74 28.5 28.74 30.5 30.74 32.5 32.74
YES
15 28 34.5 34.74 0543-1083-2-** DF3DZ-15P-2H(**) Note1: Please order the emboss packaging product by the reel number. (1 reel : 1000 pcs.) Note2: Embossed packaging products have the reel wrapped in polyethylene and include a desiccant. Note3: Small blisters of the molding compounds in small areas will not affect from,fit or function.
B214
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on forHirose websiteWire search at www.hirose-connectors.com, or contact your Hirose sales representative. DF3 Seriesq2mm Pitch Connector the Discrete RoHS Connection(Product approved by UL CSA Standard)
sIn-line Plug
Photo: Contact inserted status
Number of Contacts Part Number CL No. 543-0064-2 2 DF3- 2EP-2C 3 543-0065-5 DF3- 3EP-2C 4 543-0066-8 DF3- 4EP-2C 5 543-0067-0 DF3- 5EP-2C 6 543-0068-3 DF3- 6EP-2C 7 543-0069-6 DF3- 7EP-2C 8 543-0070-5 DF3- 8EP-2C Note : The specific No."None" item is delivered
Number of Contacts A B RoHS Part Number CL No. 02 06 543-0071-8 09 DF3- 9EP-2C 04 08 10 543-0072-0 DF3-10EP-2C 06 10 11 543-0073-3 DF3-11EP-2C 08 YES 12 12 543-0074-6 DF3-12EP-2C 10 14 13 543-0075-9 DF3-13EP-2C 12 16 14 543-0076-1 DF3-14EP-2C 14 18 15 543-0077-4 DF3-15EP-2C per bag (100 pcs.). Please order products per bag unit.
A 20 22 24 26 28 30 32
B 16 18 20 22 24 26 28
Unit: mm RoHS
YES
sIn-line Plug with Panel Lock
BPanel Cutouts
Photo: Contact insertion status
Number of Contacts A Part Number CL No. B 2 06 DF3AA- 2EP-2C 543-0151-5 11 3 08 DF3AA- 3EP-2C 543-0152-8 13 4 10 DF3AA- 4EP-2C 543-0153-0 15 5 12 DF3AA- 5EP-2C 543-0154-3 17 6 14 DF3AA- 6EP-2C 543-0155-6 19 7 16 DF3AA- 7EP-2C 543-0156-9 21 8 18 DF3AA- 8EP-2C 543-0157-1 23 9 20 DF3AA- 9EP-2C 543-0158-4 25 10 22 DF3AA-10EP-2C 543-0159-7 27 11 24 DF3AA-11EP-2C 543-0160-6 29 12 26 DF3AA-12EP-2C 543-0161-9 31 13 28 DF3AA-13EP-2C 543-0162-1 33 14 30 DF3AA-14EP-2C 543-0163-4 35 15 32 DF3AA-15EP-2C 543-0164-7 37 Note : Delivered per bag (100 pcs.). Please order products
C 02 04 06 08 10 12 14 16 18 20 22 24 26 28 per
Unit: mm D E RoHS 9.4 6.3 11.4 8.3 13.4 10.3 15.4 12.3 17.4 14.3 19.4 16.3 21.4 18.3 YES 23.4 20.3 25.4 22.3 27.4 24.3 29.4 26.3 31.4 28.3 33.4 30.3 35.4 32.3 bag unit.
Note1: Applicable panel thickness is 1.6 to 1.0mm. (However, a slight backlash is considered for the thickness other than 1.6 and 1.2mm.) Note2: Use the non-radius surface at the hooking panel edge. Note3: Contact No. indicates 1, 4, 8, 12, and 15.
[Specific No.] -* *, (* *) Blank : 100 pcs. per bag
B215
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector for Discrete Wire Connection(Product approved bysearchCSA Standard) DF3 Seriesq2mm Pitch or will be discontinued soon. Please check the products status on the Hirose website RoHS UL at www.hirose-connectors.com, or contact your Hirose sales representative.
sIn-line Adapter with Panel Lock
BPanel Cutouts
Adapter to in-line by pushing 2 pcs. of socket from both sides No.1-No.1 connection circuit type
Unit: mm Part Number DF3- 2EP-2A DF3- 3EP-2A DF3- 4EP-2A DF3- 5EP-2A DF3- 6EP-2A DF3- 7EP-2A DF3- 8EP-2A DF3- 9EP-2A DF3-10EP-2A DF3-11EP-2A DF3-12EP-2A DF3-13EP-2A DF3-14EP-2A DF3-15EP-2A CL No. 543-0267-0 543-0268-2 543-0269-5 543-0270-4 543-0271-7 543-0272-0 543-0273-2 543-0274-5 543-0275-8 543-0276-0 543-0277-3 543-0278-6 543-0279-9 543-0280-8 Number of Contacts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 A 11 13 15 17 19 21 23 25 27 29 31 33 35 37 B 06 08 10 12 14 16 18 20 22 24 26 28 30 32 C 02 04 06 08 10 12 14 16 18 20 22 24 26 28 D 9.4 11.4 E 6.3 8.3 RoHS Note1: Applicable panel thickness is 1.6 to 1.0mm.(However,backlash will occur except for 1.6, 1.2mm thickness.) Note2: Please use the non-radius surface at the hooking panel edge.
13.4 10.3 15.4 12.3 17.4 14.3 19.4 16.3 21.4 18.3 23.4 20.3 25.4 22.3 27.4 24.3 29.4 26.3 31.4 28.3 33.4 30.3 35.4 32.3 YES
Note : Delivered per bag (100 pcs.). Please order products per bag unit.
B216
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on forHirose websiteWire search at www.hirose-connectors.com, or contact your Hirose sales representative. DF3 Seriesq2mm Pitch Connector the Discrete RoHS Connection(Product approved by UL CSA Standard)
sCrimping Contact for Socket
Part Number DF3-22SCF DF3-22SC DF3-22SCFC DF3-22SCC DF3-2428SCF DF3-2428SC DF3-2428SCFC DF3-2428SCC CL No. Type Quantity 10000 pcs. per reel 100 pcs. 100 pcs. 100 pcs. 100 pcs. per pack per pack per pack per pack 10000 pcs. per reel 10000 pcs. per reel 10000 pcs. per reel Finish Tin plated Gold plated YES Tin plated Gold plated RoHS 543-0235-3 Reel contact 543-0236-6 Bulk contact 543-0861-0 Reel contact 543-0862-3 Bulk contact 543-0001-2 Reel contact 543-0002-5 Bulk contact 543-0046-0 Reel contact 543-0047-3 Bulk contact
qApplicable Wire (Tin Plating Annealed Copper Wire)
Conductor Size (Wire Configuration) AWG#22 (17pcs./0.16mm) AWG#24 (11pcs./0.16mm) AWG#26 (7pcs./0.16mm) AWG#28 (7pcs./0.127mm) O0.75 to O1.45mm Jacket Diameter O1.2 to O1.45mm
qRecommended Wire
UL1061, UL1007 (Note 2.)
qStrip Length
1.8 to 2.3mm
Note1: If other wires are used instead of the applicable cable, please contact HRS company. Note2: DF3-22SCF is applicable to UL1061.
sCrimping Contact for In-line Plug
Part Number DF3-EP2428PCF DF3-EP2428PC DF3-EP2428PCA CL No. Type Quantity 10000 pcs. per reel 100 pcs. 100 pcs. per pack per pack Tin plated YES Gold plated 10000 pcs. per reel Finish RoHS 543-0062-7 Reel contact 543-0063-0 Bulk contact 543-0150-2 Bulk contact
DF3-EP2428PCFA 543-0149-3 Reel contact
qApplicable Wire (Tin Plating Annealed Copper Wire)
Conductor Size (Wire Configuration) AWG#24 (11pcs./0.16mm) AWG#26 (7pcs./0.16mm) AWG#28 (7pcs./0.127mm) O0.75 to O1.45mm Jacket Diameter
qRecommended Wire
UL1061, UL1007
qStrip Length
1.9 to 2.5mm
Note1: If other wires are used instead of the applicable cable, please contact HRS company.
BApplicable Crimping Tool
Type Applicator Press Unit Hand Crimping Tool Part Number AP105-DF3-2428S AP105-DF3-22S AP105-DF3-EP2428P CM-105 DF3-TA2428HC DF3EP-TA2428HC DF3-TA22HC Extraction Tool DF-C-PO (A) CL No. 901-4503-3 901-4549-4 901-4508-7 901-0005-4 550-0164-5 550-0184-2 550-0257-4 550-0170-8 Applicable Contact DF3-2428SCF/SCFC DF3-22SCF DF3-EP2428PCF/PCFA ------------------- DF3-2428SC/SCC DF3-EP2428PC/PCA DF3-22SC DF3-****SCF DF3-EP****PCF
Note : If any trouble has occurred due to tools other than designated tool, Hirose bears no respoisibility for any trouble.
B217
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector for Discrete Wire Connection(Product approved bysearchCSA Standard) DF3 Seriesq2mm Pitch or will be discontinued soon. Please check the products status on the Hirose website RoHS UL at www.hirose-connectors.com, or contact your Hirose sales representative.
BEmbossed Carrier Tape Dimensions
qStraight Pin Header
E-E
0.1 6.4 1.5 0.4 0.1 2 0.1 0.5 0.3 0.3 4 0.1 12 0.1
13
0.2
E
1.75
2
0.1
A
2 ( 80 ) D +2 0 (D+6) MAX 370
0.1
1.7 +0.05 0
0.2
E
1.5 +0.1 0
C 0.3
B
Product Type
qRight Angle Pin Header
20.1 120.1
O 5 1.
1 0. +0
40.1 E
1.750.1
C0.1
O3702
.75 R0
B0.1 A0.3
O130.2
O80
0.2 0 1.7 +0.01
Product Type
1. 5
1 0. +0
21 0.8
DF3DZ-*P-2V
Unreeling direction
DF3DZ-*P-2H
.75 R0
Unit: mm Size Number of Contacts 2 to 4 5 to 7 8 to 10 11 to 15 A 24.0 32.0 44.0 56.0 B --- 28.4 40.4 52.4 C 11.5 14.2 20.2 26.2 D 24.4 32.4 44.4 56.4
E-E
20.5
Carrier hole length
0.40.1 6.10.3 1.60.3
0 D+0.2
(D+6)MAX
0 1.5 +0.1
E
Unit: mm Size Number of Contacts 2 to 4 5 to 7 8 to 10 11 to 15 A 24.0 32.0 44.0 56.0 B --- 28.4 40.4 52.4 C 11.5 14.2 20.2 26.2 D 24.4 32.4 44.4 56.4
B218
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on forHirose websiteWire search at www.hirose-connectors.com, or contact your Hirose sales representative. DF3 Seriesq2mm Pitch Connector the Discrete RoHS Connection(Product approved by UL CSA Standard)
BPrecautions
1. Recommended Temperature Profile (SMT)
temperature (c) 250 230 200
18010 10s max
60s max Soldering 100 to 120s Preheating
150
100
Time (S)
Note1: Up to 2 cycles of Reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. Note2: The temperature profile indicates the board surface temperature at the point of cintacts with the connector terminals. 2. Recommended Manual Soldering Condition (SMT) Soldering iron temperature: 29010c, Soldering time: Within 3 seconds 3. Recommended Screen Thickness (SMT) 0.15 to 0.2mm 4. Board Warpage (SMT) 5. Recommended Soldering Condition (DIP) 6. Cleaning Condition 7. Connection Condition 8. Precations Based on both connector edges, 0.03mm max. in the connector center portion sFlow Condition with Automatic Soldering Tool. Soldering temperature: 2505c, Soldering time: Within 10 seconds sManual Soldering Condition. Soldering iron temperature: 29010c, Soldering time: Within 2 seconds Refer to the "Nylon Connector Use Hand book". Refer to the "Nylon Connector Use Hand book". Refer to the "Nylon Connector Use Hand book".
B219


▲Up To Search▲   

 
Price & Availability of DF3-19S-2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X